PART |
Description |
Maker |
SST28VF040A-90-4C-PH SST28SF040A-90-4C-PH SST28SF0 |
4 Mbit (512K x8) SuperFlash EEPROM(4 M(512K x8)超级闪存存储 RESISTOR 62 OHM .5W CARB COMP 4 Mbit (512K x8) SuperFlash EEPROM 4兆位(为512k × 8)超快闪EEPROM 4 Mbit (512K x8) SuperFlash EEPROM 512K X 8 FLASH 2.7V PROM, 200 ns, PQCC32 4 Mbit (512K x8) SuperFlash EEPROM 512K X 8 FLASH 2.7V PROM, 200 ns, PDSO32 (SST28xF040A) 4 Mbit (512K x8) SuperFlash EEPROM
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
UPD42S16100LLA-A80 UPD42S16100LG3-A80-7JD UPD42S17 |
18-Mbit (512K x 36/1M x 18) Pipelined SRAM 18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM 9-Mbit (256K x 32) Pipelined DCD Sync SRAM 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM x1 Fast Page Mode DRAM x1快速页面模式的DRAM
|
TOKO, Inc. EPCOS AG
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
M36W0R6040B3ZAQE M36W0R6050B3 M36W0R6050B3ZAQE M36 |
64-Mbit (4 Mbits ×16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit ×16) or 32-Mbit (2 Mbits x16) PSRAM MCP
|
Numonyx B.V http://
|
CY14B104LA-ZS25XIT CY14B104NA-BA20XI CY14B104NA-BA |
4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 512Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 512K X 8 NON-VOLATILE SRAM, 25 ns, PDSO44 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: FBGA
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
AB28F400BX-T90 A28F400BX-B AB28F400BX-B90 |
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT 256K x16/ 512K x8 BOOT BLOCK FLASH MEMORY FAMILY JT 23C 2#16 21#20 SKT RECP JT 32C 32#20 PIN RECP 4-MBIT (256K x16. 512K x8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56K x16。为512k × 8)启动块闪存系列 4-MBIT (256K x16, 512K x8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel Corporation Intel Corp. Intel, Corp.
|
AM49DL640BG |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 32 Mbit (512K x 16-Bit) Pseudo Static RAM (Preliminary) From old datasheet system
|
AMD Inc
|
28F800BV-B 28F800BV-T 28F008BE-T/B TE28F800CVB90 P |
Dual-Slot, PCMCIA Analog Power Controller 8-MBIT (512K X 16. 1024K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Quad Network Power Controller for Power-Over-LAN 8-MBIT (512K X 16, 1024K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 8兆位(为512k × 16024K × 8)SmartVoltage启动块闪存系 8-MBIT (512K X 16/ 1024K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
|
Intel Corporation
|
NAND128W3A2BN6 NAND01BGR3A NAND01BGR3A0AN1T NAND01 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMICROELECTRONICS[STMicroelectronics]
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|